Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17451AFP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA17451AFP
Description  Switching Regulator Controllers for DC/DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17451AFP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA17451AFP Datasheet HTML 1Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HA17451AP/HA17451AFP
2
Features
• Low dropout voltage of on-chip 2.5V voltage reference: Vdrop = 0.2 V (typ)
• Operates throughout wide supply voltagerange: 3.3 V to 40 V
• Large maximum output current: 50 mA (max)
• Undervoltage lockout circuit
High threshold voltage: 3.15 V (typ)
Low threshold voltage: 2.98 V (typ)
• Low current drain: 1.5 mA (typ)
• Operates at wide range of oscillator frequencies: f
OSC = 1 kHz to 300 kHz
• Dead time adjustable through full duty cycle range
• Surface-mount package (SOP16) for saving space (HA17451AFP)
Ordering Information
Type Name
Package
HA17451AP
DP-16
HA17451AFP
FP-16DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com