Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # ME
Description  5~6 Watt Medical DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

ME Datasheet(HTML) 2 Page - Wall Industries,Inc.

  ME Datasheet HTML 1Page - Wall Industries,Inc. ME Datasheet HTML 2Page - Wall Industries,Inc. ME Datasheet HTML 3Page - Wall Industries,Inc. ME Datasheet HTML 4Page - Wall Industries,Inc. ME Datasheet HTML 5Page - Wall Industries,Inc. ME Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
ME Series
5600VDC I/O Isolation
Single and Dual Outputs
5~6 Watt Medical DC/DC Converter
Rev B
SPECIFICATIONS (CONTINUED)
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
ENVIRONMENTAL
Operating Temperature (Ambient)
Ambient
-40
+55
°C
Operating Temperature (Case)
Case
-40
+95
°C
Storage Temperature
-40
+125
°C
Over Temperature Protection
Case Temperature, automatic
107
112
117
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
Temperature Coefficient
±0.02
±0.05
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
700,000 hours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
18 grams
Dimensions (L x W x H)
1.25 x 0.8 x 0.47 inches
31.8 x 20.3 x 12.0 mm
Case Material
non-conductive black plastic
Flammability
UL94V-0
MODEL SELECTION GUIDES
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Output Power
Efficiency
(Typ)
Maximum
Capacitive Load
ME12S5-1000W
5 VDC
200 mA 1000 mA
570 mA
5W
75%
1000
μF
ME12S12-500W
12 VDC
(9 ~ 18 VDC)
12 VDC
100 mA
500 mA
30 mA
641 mA
60 mA
6W
78%
470
μF
ME24S5-1000W
5 VDC
200 mA 1000 mA
278 mA
5W
77%
1000
μF
ME24S12-500W
24 VDC
(18 ~ 36 VDC)
12 VDC
100 mA
500 mA
20 mA
313 mA
30 mA
6W
80%
470
μF
ME48S5-1000W
5 VDC
200 mA 1000 mA
139 mA
5W
77%
1000
μF
ME48S12-500W
48 VDC
(36 ~ 75 VDC)
12 VDC
100 mA
500 mA
10 mA
156 mA
15 mA
6W
80%
470
μF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Output Power
Efficiency
(Typ)
Maximum
Capacitive Load
ME12D12-250W
±12 VDC
±50 mA ±250 mA
30 mA
641 mA
6W
78%
220
μF #
ME12D15-200W
12 VDC
(9 ~ 18 VDC)
±15 VDC
±40 mA ±200 mA
30 mA
641 mA
100mA
6W
78%
220
μF #
ME24D12-250W
±12 VDC
±50 mA ±250 mA
20 mA
313 mA
6W
80%
220
μF #
ME24D15-200W
24 VDC
(18 ~ 36 VDC) ±15 VDC ±40 mA ±200 mA
20 mA
313 mA
50mA
6W
80%
220
μF #
ME48D12-250W
±12 VDC
±50 mA ±250 mA
10 mA
156 mA
6W
80%
220
μF #
ME48D15-200W
48 VDC
(36 ~ 75 VDC) ±15 VDC ±40 mA ±200 mA
10 mA
156 mA
25mA
6W
80%
220
μF #
# For each output
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The ME series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not damage
these devices, however they may not meet all listed specifications.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com