Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # ME
Description  5~6 Watt Medical DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

ME Datasheet(HTML) 1 Page - Wall Industries,Inc.

  ME Datasheet HTML 1Page - Wall Industries,Inc. ME Datasheet HTML 2Page - Wall Industries,Inc. ME Datasheet HTML 3Page - Wall Industries,Inc. ME Datasheet HTML 4Page - Wall Industries,Inc. ME Datasheet HTML 5Page - Wall Industries,Inc. ME Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
ME Series
5600VDC I/O Isolation
Single and Dual Outputs
5~6 Watt Medical DC/DC Converter
Rev B
FEATURES
● Efficiency up to 80%
● Low Isolation Capacitance
● Low Leakage Current
● 2:1 Wide Input Voltage Range
● Single & Dual Outputs
● Operating Temperature: -40°C to +55°C
● 5600VDC I/O Isolation
● Medical Safety Approval UL/cUL 60601-1
● Short Circuit Protection
● All I/O Clearance and Creepage Distance 2.0mm min.
● MTBF > 700,000 Hours
● Complies with EN55022 Class A with External Coupling Capacitor Cio=1nF < Class B
DESCRIPTION
The ME series of medical approved (UL/cUL 60601-1) dc/dc converters are specially designed to provide ultra high levels of isolation (5600VDC) in
a 24-pin DIP package. These converters operate over input voltage ranges of 9-18VDC, 18-36VDC, and 36-75VDC. This series also provides
regulated single and dual output voltages of 5, 12, ±12, and ±15VDC. The -40°C to +55°C operating temperature makes this series of dc/dc
converters ideal for data communication equipment, mobile battery driven equipment, distributed power systems, process/machine control
equipment, telecommunications equipment, mixed analog/digital subsystems, computer peripheral systems, and industrial robot systems. These
converters have a power rating of 6W and a typical full load efficiency of 80%. This series complies with EN55022 Class A conducted noise and
radiated emissions with an external coupling capacitor Cio=1nF < Class B. The EN55022 Class A conducted noise compliance minimizes design
time, cost, and eliminates the need for external filter components. All models are over load and short circuit protected.
SPECIFICATIONS: ME Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
12V nominal input models
9
12
18
24V nominal input models
18
24
36
Input Voltage Range
48V nominal input models
36
48
75
VDC
12V nominal input models
7
8
9
24V nominal input models
13
15
18
Start Voltage
48V nominal input models
30
33
36
VDC
12V nominal input models
8.5
24V nominal input models
16
Under Voltage Shutdown
48V nominal input models
34
VDC
Short Circuit Input Power
All models
3000
mW
12V nominal input models
-0.7
25
24V nominal input models
-0.7
50
Input Surge Voltage (1000ms)
48V nominal input models
-0.7
100
VDC
Input Filter
Pi Filter
Leakage Current
240VAC, 60Hz
2
μA
OUTPUT (Vo)
Output Voltage
See Table
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 25% to 100%
±0.5
±1.0
%
Line Regulation
Vin = min. to max.
±0.3
±0.5
%
Output Power
See Table
Output Current Range
See Table
5V output models
75
100
Ripple & Noise (20MHz)
Other output models
100
150
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
180
mVpk-pk
Ripple & Noise (20MHz)
25
mVrms
Transient Recovery Time
25% load step change
300
500
μs
Transient Response Deviation
25% load step change
±3
±6
%
PROTECTION
Over Load Protection
120
%
Short Circuit Protection
Continuous
12V nominal input models
1200mA slow-blow type
24V nominal input models
600mA slow-blow type
Input Fuse Recommendation
48V nominal input models
300mA slow-blow type
GENERAL
Efficiency
See Table
Switching Frequency
150
KHz
Isolation Voltage Rated
60 seconds
5600
VDC
Isolation Voltage Test
Flash Test for 1 second
6000
VDC
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
7
13
pF
Internal Power Dissipation
2500
mW
Max. Capacitive Load
See Table


Similar Description - ME

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
6 Watt | DC-DC Converter
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
6 Watt | DC-DC Converter
logo
TRACO Electronic AG
THM6WI TRACOPOWER-THM6WI Datasheet
978Kb / 5P
DC/DC Medical Converter THM 6WI Series, 6 Watt
Rev. November 30, 2022
THM6 TRACOPOWER-THM6 Datasheet
973Kb / 6P
DC/DC Medical Converter THM 6 Series, 6 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com