Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217LD13TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM217LD13TR
Description  Low current 1.2 to 37 V adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217LD13TR Datasheet(HTML) 1 Page - STMicroelectronics

  LM217LD13TR Datasheet HTML 1Page - STMicroelectronics LM217LD13TR Datasheet HTML 2Page - STMicroelectronics LM217LD13TR Datasheet HTML 3Page - STMicroelectronics LM217LD13TR Datasheet HTML 4Page - STMicroelectronics LM217LD13TR Datasheet HTML 5Page - STMicroelectronics LM217LD13TR Datasheet HTML 6Page - STMicroelectronics LM217LD13TR Datasheet HTML 7Page - STMicroelectronics LM217LD13TR Datasheet HTML 8Page - STMicroelectronics LM217LD13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
May 2014
DocID2168 Rev 5
1/23
LM217L, LM317L
Low current 1.2 to 37 V adjustable voltage regulators
Datasheet
- production data
Features
• Outuput voltage range: 1.2 to 37 V
• Outuput current in excess of 100 mA
• Output current up to 100 mA
• Line regulation typ. 0.01%
• Load regulation typ. 0.1%
• Thermal overload protection
• Short-circuit protection
• Output transition safe area compensation
• Floating operation for high voltage applications
Description
The LM217L/LM317L are monolithic integrated
circuits in SO-8 and TO-92 packages intended for
use as positive adjustable voltage regulators.
They are designed to supply up to 100 mA of load
current with an output voltage adjustable over a
1.2 to 37 V range.The nominal output voltage is
selected by means of only a resistive divider,
making the device exceptionally easy to use and
eliminating the stocking of many fixed regulators.
SO-8
TO-92
1
2
3
TO-92
Tape and reel
Bag
Ammopack
Table 1. Device summary
Order codes
SO-8 (tape and reel)
TO-92 (Bag)
TO-92 (Ammopack)
TO-92 (tape and reel)
LM217LD13TR
LM217LZ-TR
LM217LD13TR
LM317LZ
LM317LZ-AP
LM317LZ-TR
www.st.com


Similar Part No. - LM217LD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217LD13TR STMICROELECTRONICS-LM217LD13TR Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
More results

Similar Description - LM217LD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
02-Mar-2010
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com