Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217LD13TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LM217LD13TR
Description  Low current 1.2 to 37 V adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217LD13TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LM217LD13TR Datasheet HTML 15Page - STMicroelectronics LM217LD13TR Datasheet HTML 16Page - STMicroelectronics LM217LD13TR Datasheet HTML 17Page - STMicroelectronics LM217LD13TR Datasheet HTML 18Page - STMicroelectronics LM217LD13TR Datasheet HTML 19Page - STMicroelectronics LM217LD13TR Datasheet HTML 20Page - STMicroelectronics LM217LD13TR Datasheet HTML 21Page - STMicroelectronics LM217LD13TR Datasheet HTML 22Page - STMicroelectronics LM217LD13TR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID2168 Rev 5
19/23
LM217L, LM317L
Packaging information
23
Table 8. TO-92 tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.45
0.47
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1, F2
2.40
2.50
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.56.006.5
W1
8.50
9.00
9.25
W2
0.50
H
18.50
21
H3
0.5
1
2
H0
15.50
16.00
18.8
H1
25.0
27.0
D0
3.80
4.00
4.20
t
0.90
L
11.00
l1
3.00
delta P
-1.00
1.00
Ø1
352
355
358
Ø2
28
30
32
u44
47
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com