Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1ABC2R8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVSA1ABC2R8
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSA1ABC2R8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVSA1ABC2R8 Datasheet HTML 1Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 2Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 3Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 4Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 5Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 6Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2011
Page 1 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
PLCC4 Surface Mount LED
OVSA1xBC2R8 Series
•
High intensity with low power consumption
•
PLCC4 packaged in 8 mm tape on 7” diameter reel
•
Compatible with automatic placement equipment
•
Dimensions: 3.5 x 2.8 x 1.95 mm
•
120° viewing angle
The OVSA1xBC2R8 series is designed for wide angle, uniform light output. Its internal reflector and colorless clear
lens optimize luminous intensity and make it ideal for backlighting applications and for coupling with light guides.
Applications
•
Traffic lights
•
Signal and symbol luminaire
•
Mono-color indicators
•
Backlighting (LCD, switches, displays, illuminated advertising)
•
Interior automotive lighting (instrumentation clusters)
•
Safety marker lights (steps, exit ways)
Product Photo Here
Part Number
Material
Emitted Color
Intensity
Typ. mcd
Lens Color
OVSA1ABC2R8
AlInGaP
Amber
1500
Water Clear
OVSA1BBC2R8
InGaN
Blue
550
Water Clear
OVSA1GBC2R8
InGaN
Green
1800
Water Clear
OVSA1SBC2R8
AllnGaP
Red
1600
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
5a
DIMENSIONS ARE IN INCHES AND [ MM ]


Similar Part No. - OVSA1ABC2R8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSA1ABC2R8 TTELEC-OVSA1ABC2R8 Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1ABC2R8 TTELEC-OVSA1ABC2R8 Datasheet
874Kb / 7P
High intensity with low power consumption
More results

Similar Description - OVSA1ABC2R8

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
Low Power Consumption, High Intensity
OSF003706GD-XXXXS1C1A OPTOSUPPLY-OSF003706GD-XXXXS1C1A Datasheet
39Kb / 3P
Low power consumption, high intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
Low Power Consumption, High Intensity
logo
TT Electronics.
OVSA1ABC2RB TTELEC-OVSA1ABC2RB Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1ABLCR8 TTELEC-OVSA1ABLCR8 Datasheet
768Kb / 5P
High intensity with low power consumption
OVSA1BBC2RB TTELEC-OVSA1BBC2RB Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1GBC2RB TTELEC-OVSA1GBC2RB Datasheet
874Kb / 7P
High intensity with low power consumption
OVSA1XBC2R8 TTELEC-OVSA1XBC2R8 Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1XBLCR8 TTELEC-OVSA1XBLCR8 Datasheet
768Kb / 5P
High intensity with low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com