Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1ABC2R8 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVSA1ABC2R8
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSA1ABC2R8 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVSA1ABC2R8 Datasheet HTML 1Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 2Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 3Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 4Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 5Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 6Page - OPTEK Technologies OVSA1ABC2R8 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2011
Page 3 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
PLCC4 Surface Mount LED
OVSA1xBC2R8 Series
GREEN: OVSA1GBC2R8
IV Code
Min (mcd)
Max (mcd)
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
BLUE: OVSA1BBC2R8
IV Code
Min (mcd)
Max (mcd)
Tb
355
450
Ua
450
560
Ub
560
710
Va
710
900
Luminous Intensity (IV ) @ 30mA
BLUE: OVSA1BBC2R8
nm Code
Min
Max
B3
460
465
B4
465
470
B5
470
475
B6
475
480
Dominant Wavelength (nm)
GREEN: OVSA1GBC2R8
nm Code
Min
Max
G6
515
520
G7
520
525
G8
525
530
G9
530
535
Standard Bins
LEDs are sorted to luminous intensity (IV) and dominant wavelength (nm) bins listed below. Each reel consists of
a single intensity bin and a single color bin. Orders are filled using all intensity and color bins listed in the follow-
ing tables. Optek will not accept orders for single intensity bins or single color bins.
RED: OVSA1SBC2R8
IV Code
Min (mcd)
Max (mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
AMBER: OVSA1ABC2R8
IV Code
Min (mcd)
Max (mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Luminous Intensity (IV ) @ 50mA
RED: OVSA1SBC2R8
nm Code
Min
Max
RA
618
630
AMBER: OVSA1ABC2R8
nm Code
Min
Max
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Dominant Wavelength (nm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com