Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM12GS Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXM12GS
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM12GS Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXM12GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPX12
Sensors
Freescale Semiconductor
3
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0—
10
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
3.0
6.0
Vdc
Supply Current
Io
—6.0
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum related pressure.
VFSS
45
55
70
mV
Offset(4)
4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure.
Voff
020
35
mV
Sensitivity
ΔV/ΔP—
5.5
mV/kPa
Linearity
–0.5
5.0
%VFSS
Pressure Hysteresis(6) (0 to 10 kPa)
±0.1
%VFSS
Temperature Hysteresis (–40
°C to +125°C)
±0.5
%VFSS
Temperature Coefficient of Full Scale Span
TCVFSS
–0.22
–0.16
%VFSS/°C
Temperature Coefficient of Offset
TCVoff
±15
μV/°C
Temperature Coefficient of Resistance
TCR
0.21
0.27
%Zin/°C
Input Impedance
Zin
400
550
Ω
Output Impedance
Zout
750
1250
Ω
Response Time(5) (10% to 90%)
5. Response Time is defined as the time form the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
tR
—1.0
ms
Warm-Up Time(6)
6. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure is stabilized.
——
20
ms
Offset Stability(7)
7. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com