Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM12GS Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPXM12GS
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM12GS Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPXM12GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM12GS Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MPX12
Sensors
Freescale Semiconductor
11
Pressure
PACKAGE DIMENSIONS
CASE 1369-01
ISSUE O
SMALL OUTLINE PACKAGE
NOTES:
1.
2.
3.
4.
CONTROLLING DIMENSION: INCH.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DIMENSIONS "D" AND "E1" DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM.
N
A
C
0.004 (0.1)
DETAIL G
SEATING
PLANE
8X
P
T
∅
D
E
e/2
e
A
M
0.004 (0.1)
B
C
E1
A
B
A
0.008 (0.20)
B
C
8X
b
2 PLACES 4 TIPS
1
4
8
5
F
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.300
0.330
7.11
7.62
A1
0.002
0.010
0.05
0.25
b
0.038
0.042
0.96
1.07
D
0.465
0.485
11.81
12.32
E
E1
0.465
0.485
11.81
12.32
e
M
0.270
0.290
6.86
7.36
N
0.080
0.090
2.03
2.28
P
0.009
0.011
0.23
0.28
T
0.115
0.125
2.92
3.17
0.100 BSC
2.54 BSC
F
0.245
0.255
6.22
6.47
K
0.120
0.130
3.05
3.30
L
0.061
0.071
1.55
1.80
0˚
7˚
0˚
7˚
θ
0.717 BSC
18.21 BSC
K
M
GAGE
PLANE
DETAIL G
L
A1
θ
.014 (0.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com