Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1007 Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1007
Description  Advanced trench MOSFET process technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1007 Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF1007 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
                                
SSF1007 
Typical electrical and thermal characteristics
 
 
Figure 7.
Maximum Effective Transient Thermal Impedance, Junction-to-Case
 
 
Switch Waveforms 
©Silikron Semiconductor CO.,LTD.
2011.04.02
Version : 1.0
page
4of 5
www.silikron.com
 
 
Notes:
Repetitive rating; pulse width limited b
①
y max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.
②
3mH RG =50Ω, IAS = 70A, VGS =10V. Part
not recommended for use above this value.
Pulse width < 1.0ms; duty cycle<2%.
③
This
④
is only applied to TO-220 package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com