Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1007 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1007
Description  Advanced trench MOSFET process technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1007 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF1007 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1007 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
                                
SSF1007 
Main Product Characteristics:
©Silikron Semiconductor CO.,LTD.
2011.04.02
Version : 1.0
page
1of 5
www.silikron.com
 
 
VDSS
100V
RDS(on)
5.8mohm(Typ)
ID
130A
Features and Benefits:
SSF1007 TOP View (TO220)
Advanced trench MOSFET process technology
Special designed for convertors and power controls
Ultra low on-resistance
175℃ operating temperature
HighAvalanche capability and 100% tested
Description:
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an
extremely efficient and reliable device for use in power switching application and a wide variety of other
applications.
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
130
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
91
IDM
Pulsed Drain Current②
520
A
Power Dissipation③
258
W
PD @TC = 25°C
Linear derating factor
1.7
W/ Cْ
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH②
735
mJ
IAR
Avalanche Current @ L=0.3mH②
75
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Junction-to-case③
0.58
℃
/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
62
℃
/W


Similar Part No. - SSF1007

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF1007 GOOD-ARK-SSF1007 Datasheet
1Mb / 5P
100V N-Channel MOSFET
SSF1007 GOOD-ARK-SSF1007_15 Datasheet
1Mb / 5P
100V N-Channel MOSFET
More results

Similar Description - SSF1007

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
Advanced trench MOSFET process technology
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com