Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-R Datasheet(PDF) 35 Page - STMicroelectronics

Part # M95512-R
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-R Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M95512-R Datasheet HTML 31Page - STMicroelectronics M95512-R Datasheet HTML 32Page - STMicroelectronics M95512-R Datasheet HTML 33Page - STMicroelectronics M95512-R Datasheet HTML 34Page - STMicroelectronics M95512-R Datasheet HTML 35Page - STMicroelectronics M95512-R Datasheet HTML 36Page - STMicroelectronics M95512-R Datasheet HTML 37Page - STMicroelectronics M95512-R Datasheet HTML 38Page - STMicroelectronics M95512-R Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
DocID11124 Rev 21
35/50
M95512-W M95512-R M95512-DR M95512-DF
DC and AC parameters
Table 16. DC characteristics (M95512-W products, device grade 6)
Symbol
Parameter
Test conditions in addition to those defined in
Table 8 (1)
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage
current
S = VCC, voltage applied on Q = VSS or VCC
-± 2
µA
ICC
Supply current
(Read)
C = 0.1 VCC/0.9VCC at 10 MHz, VCC = 2.5 V,
Q = open
-4
mA
C = 0.1 VCC/0.9VCC at 16 MHz, VCC = 5 V, Q = open
-
8
mA
ICC0(2)
Supply current
(Write)
During tW, S = VCC, 2.5 V < VCC < 5.5 V
-
2
mA
ICC1
Supply current
(Standby Power
mode)
S = VCC, VCC = 2.5 V, VIN = VSS or VCC
-2(3)
µA
S = VCC, VCC = 5.5 V, VIN = VSS or VCC
-3(4)
µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V and IOL = 1.5 mA or
VCC = 5 V and IOL = 2 mA
-0.4
V
VOH
Output high
voltage
VCC = 2.5 V and IOH = –0.4 mA or
VCC = 5 V and IOH = –2 mA
0.8 VCC
-V
1. For devices identified by process letter KB.
2. Characterized only, not tested in production.
3. 2 µA for devices from date code 301 (year 2013, W01), 5 µA for previous devices.
4. 3 µA for devices from date code 301 (year 2013, W01), 5 µA for previous devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com