Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-R Datasheet(PDF) 49 Page - STMicroelectronics

Part # M95512-R
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-R Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M95512-R Datasheet HTML 42Page - STMicroelectronics M95512-R Datasheet HTML 43Page - STMicroelectronics M95512-R Datasheet HTML 44Page - STMicroelectronics M95512-R Datasheet HTML 45Page - STMicroelectronics M95512-R Datasheet HTML 46Page - STMicroelectronics M95512-R Datasheet HTML 47Page - STMicroelectronics M95512-R Datasheet HTML 48Page - STMicroelectronics M95512-R Datasheet HTML 49Page - STMicroelectronics M95512-R Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
DocID11124 Rev 21
49/50
M95512-W M95512-R M95512-DR M95512-DF
Revision history
18-Sep-2012
18
Fixed some errors in Figure 3: WLCSP connections for M95512-
DFCS6TP/K (top view, marking side, with bumps on the underside).
Restored missing table: Table 10: Operating conditions (M95512-DF,
device grade 6).
Replaced various suffixes in UFDFPN8 package name (cover page) by
(MLP8) so that this package be consistently named UFDFPN8 (MLP8) as
a block, all over the document.
Changed “Test conditions” description (first line in table) in the following
tables: Table 15, Table 16, Table 17, Table 18, Table 19, Table 20,
Table 21, and footnote 1. of Table 17.
24-Sep-2012
19
(Restored Revision History)
Added Note 1 in Table 16: DC characteristics (M95512-W products,
device grade 6).
Added Note 1 in Table 20: AC characteristics (M95512-W products,
device grade 6).
06-Dec-2012
20
Updated:
– Section 7.2: Initial delivery state
–ICC1 values in Table 16, Table 17 and Table 18
– Note 1 in Table 15: DC characteristics (previous M95512-W products,
device grade 6)
03-Jun-2013
21
Replaced “ball” by “bump” in the entire document.
Updated:
– Package figure on cover page
– Features: high-speed clock frequency changed from 10 to 16 MHz.
– Note (1) under Table 7: Absolute maximum ratings
–ICC row in Table 16: DC characteristics (M95512-W products, device
grade 6)
– Table 20: AC characteristics (M95512-W products, device grade 6)
Table 27. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com