Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-DF Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95512-DF
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95512-DF Datasheet HTML 36Page - STMicroelectronics M95512-DF Datasheet HTML 37Page - STMicroelectronics M95512-DF Datasheet HTML 38Page - STMicroelectronics M95512-DF Datasheet HTML 39Page - STMicroelectronics M95512-DF Datasheet HTML 40Page - STMicroelectronics M95512-DF Datasheet HTML 41Page - STMicroelectronics M95512-DF Datasheet HTML 42Page - STMicroelectronics M95512-DF Datasheet HTML 43Page - STMicroelectronics M95512-DF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
DC and AC parameters
M95512-W M95512-R M95512-DR M95512-DF
40/50
DocID11124 Rev 21
Table 21. AC characteristics (M95512-R and M95512-DF, device grade 6)
Test conditions: refer to Table 9 or Table 10 and Table 11 (1)(2)
Symbol
Alt.
Parameter
Min.
Max.
Min.
Max.
Unit
Previous(3)
products
Current
products
fC
fSCK
Clock frequency
D.C.
2
D.C.
5
MHz
tSLCH
tCSS1 S active setup time
200
-
60
-
ns
tSHCH
tCSS2 S not active setup time
200
-
60
-
ns
tSHSL
tCS
S deselect time
200
-
90
-
ns
tCHSH
tCSH S active hold time
200
-
60
-
ns
tCHSL
S not active hold time
200
-
60
-
ns
tCH(4)
tCLH
Clock high time
200
-
80
-
ns
tCL(4)
tCLL
Clock low time
200
-
80
-
ns
tCLCH (5)
tRC
Clock rise time
-
1
-
2
µs
tCHCL(5)
tFC
Clock fall time
-
1
-
2
µs
tDVCH
tDSU
Data in setup time
40
-
20
-
ns
tCHDX
tDH
Data in hold time
50
-
20
-
ns
tHHCH
Clock low hold time after HOLD not active
140
-
60
-
ns
tHLCH
Clock low hold time after HOLD active
90
-
60
-
ns
tCLHL
Clock low setup time before HOLD active
0
-
0
-
ns
tCLHH
Clock low setup time before HOLD not active
0
-
0
-
ns
tSHQZ(5)
tDIS
Output disable time
-
250
-
80
ns
tCLQV
tV
Clock low to output valid
-
150
-
80
ns
tCLQX
tHO
Output hold time
0
-
0
-
ns
tQLQH(5)
tRO
Output rise time
-
100
-
80
ns
tQHQL(5)
tFO
Output fall time
-
100
-
80
ns
tHHQV
tLZ
HOLD high to output valid
-
100
-
80
ns
tHLQZ(5)
tHZ
HOLD low to output High-Z
-
250
-
80
ns
tW
tWC
Write time
-
5
-
5
ms
1. The test flow guarantees the AC parameter values defined in this table (when VCC = 1.8 V or VCC = 1.7 V)
and the parameter values defined in AC characteristics tables for M95512-W (when VCC > 2.5 V).
2. If the application uses the device at 2.5 V
≤ VCC ≤ 5.5 V and –40 °C ≤ TA ≤ +85 °C, please refer to Table 20
instead of the above table.
3. Not for new designs (previous products are identified by process letters AB)
4. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
5. Characterized only, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com