Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-DF Datasheet(PDF) 48 Page - STMicroelectronics

Part # M95512-DF
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DF Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M95512-DF Datasheet HTML 42Page - STMicroelectronics M95512-DF Datasheet HTML 43Page - STMicroelectronics M95512-DF Datasheet HTML 44Page - STMicroelectronics M95512-DF Datasheet HTML 45Page - STMicroelectronics M95512-DF Datasheet HTML 46Page - STMicroelectronics M95512-DF Datasheet HTML 47Page - STMicroelectronics M95512-DF Datasheet HTML 48Page - STMicroelectronics M95512-DF Datasheet HTML 49Page - STMicroelectronics M95512-DF Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Revision history
M95512-W M95512-R M95512-DR M95512-DF
48/50
DocID11124 Rev 21
12
Revision history
Table 27. Document revision history
Date
Revision
Changes
01-Apr-2011
14
Added:
– Table 14: Capacitance.
– Note (1) under Table 23: DC characteristics (current and new M95080-R
and M95080-DR products)
– Notes (1) and (2) in Section 4.3: Hold condition
– Note (1) under Table 36: AC characteristics (M95080-R, M95080-DR
device grade 6)
Updated:
– Section 3: Connecting to the SPI bus
– Section 7: ECC (error correction code) and write cycling
Moved from Section 4.5: Data protection and protocol control to
Section 4.4: Status register:
–Table 2: Write-protected block size
Deleted:
–Table 25: Available M95512 products (package, voltage range,
temperature grade)
–Table 26: Available M95512-DR products (package, voltage range,
temperature grade)
19-Jul-2011
15
Renamed Figure 2.
Added UFDFPN8 MC package.
Updated disclaimer.
28-Mar-2012
16
Datasheet split into:
– M95512-W, M95512-R, M95512-DF (this datasheet) for standard
products (range 6),
– M95512-125 datasheet for automotive products (range 3).
28-Jun-2012
17
Added reference M95512-DR.
Deleted:
– UFDFPN8 (MLP8): MB version package
Updated:
– Cycling and data retention limits (KB devices): 4 million cycles and 200-
year data retention
– Section 1: Description
– Figure 3: reference dot moved close to VCC ball
– Figure 26: M95512-DFCS6TP/K – WLCSP 8-bump wafer-level chip
scale package outline
– Table 25: M95512-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale
package mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com