Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7121P Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM7121P
Description  Top Port Analogue Silicon Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121P Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7121P Datasheet HTML 1Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 2Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 3Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
w
WM7121P, WM7121PE
Top Port Analogue Silicon Microphone
WOLFSON MICROELECTRONICS plc
Pre-Production, June 2014, Rev 3.0
Copyright
2014 Wolfson Microelectronics plc
DESCRIPTION
The WM7121P is a low-profile silicon analogue microphone.
It offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7121P
incorporates
Wolfson’s
proprietary
CMOS/MEMS membrane technology, offering high reliability
and high performance in a miniature, low-profile package.
The WM7121P is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7121P Top Port microphone offers matched
performance to the WM7132P Bottom Port microphone. The
matched characteristics enable highly accurate sound pick-
up in opposite directions, suitable for noise cancellation and
other DSP algorithms.
The WM7121PE variant offers a tighter tolerance on the
microphone sensitivity, giving reduced variation between
parts. This removes the need for in-line production
calibration of part-to-part microphone variations.
FEATURES
High SNR (65dB)
Low variation in sensitivity
-
±3dB tolerance (WM7121P)
-
±1dB tolerance (WM7121PE)
Matched pair with Bottom Port microphone WM7132P
-
Matched sensitivity, roll-off, and phase response
Low current consumption (190µA)
Analogue output
Top Port LGA Package
1.5V to 3.7V supply
APPLICATIONS
Mobile phone handsets
Portable media players
Digital still cameras
Digital video cameras
Bluetooth headsets
Portable navigation devices
Portable games consoles
BLOCK DIAGRAM
3D VIEW
3.76mm x 2.95mm x 1.10mm LGA package


Similar Part No. - WM7121P

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
More results

Similar Description - WM7121P

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
Top Port Digital Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
Top Port Digital Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com