Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7121P Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM7121P
Description  Top Port Analogue Silicon Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121P Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM7121P Datasheet HTML 1Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 2Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 3Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pre-Production
WM7121P, WM7121PE
w
PP, June 2014, Rev 3.0
3
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
VDD
Supply
Analogue Supply
2
GND
Supply
Analogue ground
3
GND
Supply
Analogue ground
4
OUTPUT
Analogue Output
Microphone analogue output signal
ORDERING INFORMATION
DEVICE
DESCRIPTION
TEMPERATURE
RANGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM7121PIMS/RV
Standard
(tape and reel)
-40 to +100°C
MSL2A
+260°C
WM7121PIMSE/RV
Enhanced
(tape and reel)
-40 to +100°C
MSL2A
+260°C
Note:
Reel quantity = 5000
All devices are Pb-free and Halogen free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com