Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8987 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8987 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
w
WM8987L
Stereo CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, Augut 2008, Rev 4.0
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8987L is a low power, high quality stereo CODEC
designed for portable digital audio applications.
The device integrates complete interfaces to stereo or mono
microphones and a stereo BTL (differential) or single-ended
headset. External component requirements are reduced as
no separate microphone or headphone amplifiers are
required. Advanced on-chip digital signal processing
performs equalisation, 3-D sound enhancement and
automatic level control for the microphone or line input.
The WM8987L can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256fs rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8987L operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8987L is supplied in a very small and thin 4x4mm
COL package, ideal for use in ultra-portable and wearable
systems.
FEATURES
•
DAC SNR 98dB, ADC 90dB (‘A’ weighted) at 48kHz, 3.3V
•
On-chip Headphone Driver
-
Single-ended or BTL (differential) drive
-
>40mW output power on 16
Ω / 3.3V
-
DAC to 32Ω BTL headphone: SNR 86dB, THD -66dB
•
Complete Stereo / Mono Microphone Interface
-
Differential or single-ended mic connection
-
Programmable ALC / Noise Gate
•
Digital Equaliser
•
Low Power
-
Stereo playback 8 mW (1.8V / 1.5V supplies)
-
Record and playback 13 mW (1.8V / 1.5V supplies)
•
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
•
4x4mm COL package
•
Register compatible with WM8750L
APPLICATIONS
•
Wireless Headsets
•
Portable Music Player / Recorders
BLOCK DIAGRAM


Similar Part No. - WM8987

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8987LGECO/RV WOLFSON-WM8987LGECO/RV Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8987LGECO/V WOLFSON-WM8987LGECO/V Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8987

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com