Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSTBPCS2C2B Datasheet(PDF) 2 Page - OptoSupply International

Part # OSTBPCS2C2B
Description  3.5x2.8x1.9mm Red & Green & Blue SMD LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTBPCS2C2B Datasheet(HTML) 2 Page - OptoSupply International

  OSTBPCS2C2B Datasheet HTML 1Page - OptoSupply International OSTBPCS2C2B Datasheet HTML 2Page - OptoSupply International OSTBPCS2C2B Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.optosupply.com
VER A.0
33..55xx22..88xx11..99m
mm
m R
Reed
d &
& G
Grreeeen
n &
& B
Bllu
uee
S
SM
MD
D L
LE
ED
D
OSTBPCS2C2B
■
Ranks Combination
Red
Blue / Green
Rank (IF=20mA)
333
444
555
666
88T-999
AAA
BBB
DC Forward Voltage(v)
1.8-2.0
2.0-2.2
2.2-2.4
2.4-2.6
2.9-3.2
3.2-3.4
3.4-3.6
Luminous Intensity (mcd)
IF=20mA
Color
Rank
Luminous Intensity (mcd)
I
330-500
J
500-750
Red
J
500-750
Green
K
750-1120
G
150-220
H
220-330
Blue
Domi. Wavelength* IF=20mA
Color
Rank
Domi. Wavelength* (nm)
R511
620-625
Red
R522
625-630
G51A
520-522.5
G51B
522.5-525
G52A
525-527.5
Green
G52B
527.5-530
B41A
465-467.5
B41B
467.5-470
B51A
470-472.5
Blue
B51B
472.5-475
LED & Application Technologies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com