Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSTBPCS2C2B Datasheet(PDF) 3 Page - OptoSupply International

Part # OSTBPCS2C2B
Description  3.5x2.8x1.9mm Red & Green & Blue SMD LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTBPCS2C2B Datasheet(HTML) 3 Page - OptoSupply International

  OSTBPCS2C2B Datasheet HTML 1Page - OptoSupply International OSTBPCS2C2B Datasheet HTML 2Page - OptoSupply International OSTBPCS2C2B Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.optosupply.com
VER A.0
33..55xx22..88xx11..99m
mm
m R
Reed
d &
& G
Grreeeen
n &
& B
Bllu
uee S
SM
MD
D
L
LE
ED
D
OSTBPCS2C2B
Precautions in Use for Surface Mount Diode
■ Storage
· Storage Conditions
Before opening the package:
The LEDs should be kept at 30°C or less and 60%RH or less. The LEDs should be used within a year. When storing
the LEDs, moisture proof packaging with absorbent material (silica gel) is recommended.
· After opening the package:
Soldering should be done right after opening the package (within 24hrs).
Keeping of a fraction, sealing and Temperature: 5~40℃ Humidity: Less than 30%.
If the package has been opened more than 1 week or the color of desiccant changes, components should be dried for
10-12hrs, at 60±3℃.
· Optosupply LED electrode sections are comprised of a silver plated copper alloy. The silver surface may be
affected by environments which contain corrosive gases and so on. Please avoid conditions which may cause the
LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations.
It is recommended that the User use the LEDs as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
■ Soldering Heat Reliability (DIP):
IR Reflow soldering Profile
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
· Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
Soldering
Average ramp-up rate = 3ºC/sec. max.
Preheat temperature: 130º~185ºC
Preheat time = 120 sec. max.
Ramp-down rate = 6ºC/sec. max.
Peak temperature = 230ºC max.
Time within 3ºC of actual
peak temperature = 25 sec. max.
Duration above 200ºC is 40 sec. max.
LED & Application Technologies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com