Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLSU85 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSLSU85
Description  AC/DC LED Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLSU85 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSLSU85 Datasheet HTML 1Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 2Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 3Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev B
PSLSU85 SERIES
85 Watts, AC/DC LED Power Supplies
07/08/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
With Mounting Flange (“A” Type)
1.67±0.04 [42.5±1.0]
1.94±0.04 [49.3±1.0]
7.60±0.04 [193.0±1.0]
NOTES
1. Unit: inches [mm]
2. Weight: 1.17~1.32 lbs (530~600g)
3. Input Connector: SJTW, 18AWGx3C (1ft)
4. Output Connector: SJTW, 18AWGx2C (1ft)
5. All dimensions are for reference only
6.81±0.04 [173.0±1.0]
5.47±0.04 [139.0±1.0]
0.31±0.04 [8.0±1.0]
R2.5
Without Mounting Flange (“B” Type)
1.67±0.04 [42.5±1.0]
1.94±0.04 [49.3±1.0]
6.81±0.04 [173.0±1.0]
6.81±0.04 [173.0±1.0]
NOTES
1. Unit: inches [mm]
2. Weight: 1.17~1.32 lbs (530~600g)
3. Input Connector: SJTW, 18AWGx3C (1ft)
4. Output Connector: SJTW, 18AWGx2C (1ft)
5. All dimensions are for reference only
5.47±0.04 [139.0±1.0]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com