Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLSU85 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLSU85
Description  AC/DC LED Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLSU85 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLSU85 Datasheet HTML 1Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 2Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 3Page - Wall Industries,Inc. PSLSU85 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev B
PSLSU85 SERIES
85 Watts, AC/DC LED Power Supplies
07/08/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
• Class I
• RoHS Compliant
• IP68 Rated
• C.C. Mode and C.V. Mode
• Constant Current: 0.1~4.04A
• Constant Voltage: 21~50VDC
• 4242VDC I/O Isolation
• Active Power Factor Correction
• 85 Watts Maximum Output Power
• Wide Input Voltage Range: 90~305VAC, 47~63Hz
• Internal EMI Filter
• Over Voltage, Over Current, & Over Temp. Protection
• Up to 92% High Efficiency
• Two types of Mechanical Options Available
APPROVALS
IP68
DESCRIPTION
With Mounting Flange (“A” Type)
Size: 7.60 x 1.94 x 1.36 inches (193.0 x 49.3 x 34.5 mm)
Without Mounting Flange (“B” Type)
Size: 6.81 x 1.94 x 1.36 inches (173.0 x 49.3 x 34.5 mm)
The PSLSU85 series of AC/DC LED switching power supplies provides a maximum power rating of
85W, with constant current ratings ranging from 0.1~4.04A and constant voltage ranging from
21~50VDC. These supplies have a 90-305VAC input voltage range, active PFC, an internal EMI filter,
and high efficiency up to 92%. These supplies are housed in a 6.81” x 1.94” x 1.36” enclosure, rated
to IP68 waterproof standards, which makes them suitable for harsh environments in industrial or
commercial outdoor lighting applications. This series is RoHS compliant and has over voltage, over
current, and over temperature protection. These supplies are available with a mounting flange
(“A” Type) or without the mounting flange (“B” type).
MODEL SELECTION TABLE
Load Regulation
Model Number (2)
Input Voltage Range
Output Voltage (1)
Output Current
Ripple & Noise
C.C.
C.V.
Output Power
PSLSU85X-108-21V
21 VDC
0.1 ~ 4.04 A
1%
3%
3%
85W
PSLSU85X-108-22V
22 VDC
0.1 ~ 3.86 A
1%
3%
3%
85W
PSLSU85X-108-23V
23 VDC
0.1 ~ 3.69 A
1%
3%
3%
85W
PSLSU85X-108-24V
24 VDC
0.1 ~ 3.54 A
1%
3%
3%
85W
PSLSU85X-108-25V
25 VDC
0.1 ~ 3.40 A
1%
3%
3%
85W
PSLSU85X-108-26V
26 VDC
0.1 ~ 3.26 A
1%
3%
3%
85W
PSLSU85X-108-27V
90 ~ 305 VAC
27 VDC
0.1 ~ 3.14 A
1%
3%
3%
85W
PSLSU85X-109-27V
27 VDC
0.1 ~ 3.14 A
1%
3%
3%
85W
PSLSU85X-109-28V
28 VDC
0.1 ~ 3.03 A
1%
3%
3%
85W
PSLSU85X-109-29V
29 VDC
0.1 ~ 2.93 A
1%
3%
3%
85W
PSLSU85X-109-30V
30 VDC
0.1 ~ 2.83 A
1%
3%
3%
85W
PSLSU85X-109-31V
31 VDC
0.1 ~ 2.74 A
1%
3%
3%
85W
PSLSU85X-109-32V
32 VDC
0.1 ~ 2.65 A
1%
3%
3%
85W
PSLSU85X-109-33V
90 ~ 305 VAC
33 VDC
0.1 ~ 2.57 A
1%
3%
3%
85W
PSLSU85X-110-33V
33 VDC
0.1 ~ 2.57 A
1%
3%
3%
85W
PSLSU85X-110-34V
34 VDC
0.1 ~ 2.50 A
1%
3%
3%
85W
PSLSU85X-110-35V
35 VDC
0.1 ~ 2.42 A
1%
3%
3%
85W
PSLSU85X-110-36V
36 VDC
0.1 ~ 2.36 A
1%
3%
3%
85W
PSLSU85X-110-37V
37 VDC
0.1 ~ 2.29 A
1%
3%
3%
85W
PSLSU85X-110-38V
38 VDC
0.1 ~ 2.23 A
1%
3%
3%
85W
PSLSU85X-110-39V
39 VDC
0.1 ~ 2.17 A
1%
3%
3%
85W
PSLSU85X-110-40V
90 ~ 305 VAC
40 VDC
0.1 ~ 2.12 A
1%
3%
3%
85W
PSLSU85X-111-40V
40 VDC
0.1 ~ 2.12 A
1%
3%
3%
85W
PSLSU85X-111-41V
41 VDC
0.1 ~ 2.07 A
1%
3%
3%
85W
PSLSU85X-111-42V
42 VDC
0.1 ~ 2.02 A
1%
3%
3%
85W
PSLSU85X-111-43V
43 VDC
0.1 ~ 1.97 A
1%
3%
3%
85W
PSLSU85X-111-44V
44 VDC
0.1 ~ 1.93 A
1%
3%
3%
85W
PSLSU85X-111-45V
45 VDC
0.1 ~ 1.88 A
1%
3%
3%
85W
PSLSU85X-111-46V
46 VDC
0.1 ~ 1.84 A
1%
3%
3%
85W
PSLSU85X-111-47V
47 VDC
0.1 ~ 1.80 A
1%
3%
3%
85W
PSLSU85X-111-48V
48 VDC
0.1 ~ 1.77 A
1%
3%
3%
85W
PSLSU85X-111-49V
49 VDC
0.1 ~ 1.73 A
1%
3%
3%
85W
PSLSU85X-111-50V
90 ~ 305 VAC
50 VDC
0.1~ 1.70 A
1%
3%
3%
85W
NOTES
1. For constant current (C.C.) mode, the output voltage will vary from Vo to 0.6 x Vo (See C.V. vs C.C. curve on page 4).
2. The red “X” in the model number can either be “A” for models with a mounting flange or “B” for models without a mounting flange.


Similar Part No. - PSLSU85

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
AC/DC LED Power Supplies
PSLSU60 WALL-PSLSU60 Datasheet
161Kb / 3P
AC/DC LED Power Supplies
PSLSU60-105-11V WALL-PSLSU60-105-11V Datasheet
161Kb / 3P
AC/DC LED Power Supplies
PSLSU60-105-12V WALL-PSLSU60-105-12V Datasheet
161Kb / 3P
AC/DC LED Power Supplies
PSLSU60-105-13V WALL-PSLSU60-105-13V Datasheet
161Kb / 3P
AC/DC LED Power Supplies
More results

Similar Description - PSLSU85

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
logo
Wall Industries,Inc.
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
AC/DC LED Switching Power Supplies
PSLSU60 WALL-PSLSU60 Datasheet
161Kb / 3P
AC/DC LED Power Supplies
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
AC/DC LED Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
AC/DC LED Switching Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
AC/DC LED Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
AC/DC Open Frame LED Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
AC/DC Open Frame LED Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com