Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMBU153 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMBU153
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU153 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMBU153 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 3Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
PSMBU153 Series
150 Watt, Open Frame
Single Outputs, Active PFC
Medical AC/DC Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSMBU153 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
240
Input Voltage Range
Operating Input Voltage Range
90
260
VAC
Input Frequency
47
63
Hz
Low Line
Io = Full Load, Vin = 100VAC
1.74
1.76
Input Current
High Line
Io = Full Load, Vin = 240VAC
0.71
0.73
A
Low Line
Io = Full Load, 25°C, Cold Start, Vin = 115VAC
50
Inrush Current
High Line
Io = Full Load, 25°C, Cold Start, Vin = 230VAC
100
A
Power Factor Correction (PFC)
Io = Full Load, Vin = 240VAC
0.95
1.0
No Load Power Consumption
Io = No Load, Vin = 230VAC
1.2
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90~260VAC
150
W
Output Current
See Table
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
20
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
2
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
84
89
%
Primary to Secondary
6990
Dielectric Withstanding Voltage
Primary to PE
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Safety Ground Leakage Current
Vin = 240VAC/60Hz
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Operating Altitude
3000
m
MTBF
Operating Temperature at 25°C, calculated per MIL-HDBK-217F
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
Approx. 14.8oz (420g)
Dimensions (L x W x H)
5.00 x 3.00 x 1.44 inches (127.0 x 76.2 x 36.6 mm)
Input Connector
Mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal
Output Connector
Mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal or
DINKLE#DT-2GN-B01W-04P and DINKLE#ESK750V-04P
SAFETY & EMI
EMI Requirements for CISPR-11
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-18
Vin = 110VAC
B
Class
Safety Approvals
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition); EN 60601-1:2006 (TUV/T-mark 3rd edition); CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com