Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMBU153 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMBU153
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU153 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMBU153 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 3Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
PSMBU153 SERIES
90~260VAC Input Voltage Range
Active Power Factor Correction, Single Outputs
UL/cUL 3
rd Edition Medical Approvals
150 Watt AC/DC Switching Power Supplies
FEATURES
 Class I
RoHS Compliant
 Active Power Factor Correction
 5” x 3” x 1.44” Open Frame Package
 12VDC and 24VDC Single Outputs
 100% Burn-in Tested
 150 Watts Output Power
 Wide Input Voltage Range: 90~260VAC, 47~63Hz
 Over Voltage and Over Current Protection
 Meets FCC Part-18 Class B and CISPR-11 EN55011 Class B
Emission Limits
 ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition) and
EN 60601-1:2006 (TUV/T-mark 3rd edition) Approvals
 Input to Output: 2MOPP
DESCRIPTION
The PSMBU153 series of Class I medical AC/DC switching power supplies provides 150 Watts of continuous output power
in a compact 5” x 3” x 1.44” open frame package. This series consists of 12VDC and 24VDC single output models with a
wide input voltage range of 90~260VAC. These power supplies have active power factor correction and over current and
over voltage protection. All models meet FCC Part-18 Class B and CISPR-11 EN55011 Class B Emission Limits. This
series also has ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition) and EN 60601-1:2006 (TUV/T-mark 3rd edition) safety
approvals and also meets new CE requirements. All models are RoHS compliant and have been 100% burn-in tested.
MEDICAL


Similar Part No. - PSMBU153

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU152-105 WALL-PSMBU152-105 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU152-108 WALL-PSMBU152-108 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
More results

Similar Description - PSMBU153

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com