Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW226NV Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW226NV
Description  N-channel MOSFETAbsolute
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW226NV Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW226NV Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jan. 2013. Rev. 2.0
3/5
SAMWIN
Fig. 1. On-state characteristics
Fig. 2. On-resistance variation vs.
drain current and gate voltage
Fig. 3. Gate charge characteristics
Notes:
1. 250μs Pulse Test
2. T=25 ℃
3. VGS 2~10V Step=1V
VGS=10V
VGS=20V
Fig. 4. On state current vs. diode
forward voltage
Fig 5. Breakdown Voltage Variation
vs. Junction Temperature
Fig. 6. On resistance variation
vs. junction temperature
150℃
25℃
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Qg, Total Gate Charge (nC)
0
0.5
1
1.5
2
2.5
3
-70
-45
-20
5
30
55
80
105
130
155
180
TJ Junction Temperature (℃)
0.8
0.9
1
1.1
1.2
-70
-45
-20
5
30
55
80
105
130
155
180
TJ Junction Temperature (℃)
VDS=480V
SW226NV
SW226NV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com