Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW226NV Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW226NV
Description  N-channel MOSFETAbsolute
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW226NV Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW226NV Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW226NV Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jan. 2013. Rev. 2.0
1/5
SAMWIN
Features
■
High ruggedness
■
RDS(ON) (Max 2.5 Ω)@VGS=10V
■
Gate Charge (Typical 34nC)
■
Improved dv/dt Capability
■
100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
600
V
ID
Continuous Drain Current (@TC=25oC)
4.0*
A
Continuous Drain Current (@TC=100oC)
2.2*
A
IDM
Drain current pulsed
(note 1)
16
A
VGS
Gate to Source Voltage
±
30
V
EAS
Single pulsed Avalanche Energy
(note 2)
342
mJ
EAR
Repetitive Avalanche Energy
(note 1)
32
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
PD
Total power dissipation (@TC=25oC)
270
W
Derating Factor above 25oC
2.16
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
0.46
oC/W
Rthja
Thermal resistance, Junction to ambient
80
oC/W
BVDSS : 600V
ID
: 4.0A
RDS(ON) : 2.5ohm
1
2
3
1. Gate 2. Drain 3. Source
1
2
3
IPAK
SW226NV
SW226NV
Item
Sales Type
Marking
Package
Packaging
1
SW I 226NV
SW226NV
IPAK
TUBE
2
SW D 226NV
SW226NV
DPAK
REEL
Order Codes
DPAK
1
2
3
*. Drain current is limited by junction temperature.


Similar Part No. - SW226NV

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW226N SEMIPOWER-SW226N Datasheet
752Kb / 7P
N-channel MOSFET
More results

Similar Description - SW226NV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF245A FAIRCHILD-BF245A Datasheet
22Kb / 3P
N-Channel Amplifiers
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
N-Channel Switch
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
N-Channel FREDFET
logo
KEC(Korea Electronics)
KF5N53F KEC-KF5N53F Datasheet
1Mb / 6P
N CHANNEL MOS FIELD N CHANNEL MOS FIELD
logo
GOOD-ARK Electronics
SSF7008 GOOD-ARK-SSF7008_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET68V N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com