Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW601Q Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW601Q
Description  N-channel SOT-23 MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW601Q Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW601Q Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev. 1.0
SW601Q
Features
■ R
DS(ON) (Max 700Ω)@VGS=0V,ID=3mA
■ High Switching Speed
General Description
The SW601Q is an N-
channel power MOSFET using SAMWIN’s
Advanced technology to provide the customers with high switching
speed.
N-channel SOT-23 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
(Note 2)
600
V
V
DGX
Drain to Gate Voltage
(Note 2)
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
0.185
A
I
DM
Drain current pulsed
0.740
A
V
GSS
Gate to Source Voltage
± 20
V
P
D
Total power dissipation (@T
C=25
oC)
0.5
W
T
J
Junction Temperature
+ 150
oC
T
STG,
Storage Temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
250
oC/W
1/4
BV
DSS : 600V
I
D
: 0.185A
R
DS(ON) : 700Ω
1. Source 2. Gate 3. Drain
2
3
1
1
2
3
SOT-23
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW E 601Q
SW601Q
SOT-23
REEL
Order Codes
Notes: 1. Absolute maximum ratings are those valuesbeyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. TJ=+25°C~+150°C


Similar Part No. - SW601Q

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW601B BOWEI-SW601B Datasheet
346Kb / 1P
6-SPST Switches
More results

Similar Description - SW601Q

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N10 SEMIPOWER-SW2N10 Datasheet
454Kb / 5P
N-channel SOT-23 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
Foshan Blue Rocket Elec...
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
2SK3018 FOSHAN-2SK3018 Datasheet
1Mb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com