Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW601Q Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW601Q
Description  N-channel SOT-23 MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW601Q Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW601Q Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW601Q Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev. 1.0
Electrical characteristic ( T
C = 25
oC unless otherwise specified )
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Off characteristics
BV
DSS
Drain to source breakdown voltage
V
GS=-5V, ID=250uA
600
V
I
D(OFF)
Drain to source leakage current
V
DS=600V, VGS=-5V
0.1
uA
I
GSS
Gate to source leakage current, forward
V
GS=20V, VDS=0V
100
nA
V
GS=-20V, VDS=0V
-100
nA
Gate to source leakage current, reverse
On characteristics
V
GS(OFF)
Gate to Source Cut Off Voltage
V
DS=3V, ID=8uA
-2.7
-1.5
V
I
DSS
Drain to source leakage current
V
DS=25V, VGS=0V
7
mA
R
DS(ON)
Drain to source on state resistance
V
GS=0V, ID = 3mA
330
700
Ω
Dynamic characteristics
C
iss
Input capacitance
V
GS=0V, VDS=25V, f=1MHz
15
pF
C
oss
Output capacitance
145
C
rss
Reverse transfer capacitance
4
t
d(on)
Turn on delay time
V
GS=-5~5V, VDD=30V, ID=5mA,
R
G=20Ω
40
ns
tr
Rising time
20
t
d(off)
Turn off delay time
45
t
f
Fall time
280
Q
g
Total gate charge
V
GS=-5~5V, VDD=30V, ID=5mA
1300
nC
Q
gs
Gate-source charge
300
Q
gd
Gate-drain charge
45
Source to drain diode ratings characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
SD
Diode forward voltage drop.
I
SD=3mA, VGS=-10V
1.4
V
Notes: 1. Repetitive rating, pulse width limited by maximum junction temperature.
2. Pulse width≤380μs; duty cycle≤2%.
2/4
SW601Q
SAMWIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com