Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD4024 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD4024
Description  Advanced trench MOSFET process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD4024 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSFD4024 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
                                                     
SSFD4024 
Main Product Characteristics:
VDSS
40V
RDS(on)
30 mohm
ID
12A
TO-252 top view
SSFD4024 
Features and Benefits:
Advanced trench MOSFET process technology
Special designed for Convertors and power controls
Ultra low on-resistance
175℃ operating temperature
Marking and pin Assignment
Description:
It utilizes the latest trench processing techniques to achieve extremely low on resistance, fast switching speed and
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use inAutomotive applications and a wide variety of other applications
Absolute max Rating:
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
IDM
Pulsed Drain Current①
30
A
PD @TC = 25°C
Power Dissipation
20
W
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy②
22
mJ
IAR
Avalanche Current @ L=0.3mH
10
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Junction-to-case
7.5
℃
/W
Junction-to-ambient
30
℃
/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
60
℃
/W
©Silikron Semiconductor CO.,LTD.
2010.09.01
Version : 1.0
page
1of4
www.silikron.com
 
 


Similar Part No. - SSFD4024

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFD4024 GOOD-ARK-SSFD4024 Datasheet
437Kb / 4P
40V N-Channel MOSFET
More results

Similar Description - SSFD4024

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
Advanced trench MOSFET process technology
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com