Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD4024 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD4024
Description  Advanced trench MOSFET process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD4024 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFD4024 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD4024 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
                                                     
SSFD4024 
Electrical Characterizes @TA=25℃ unless otherwise specified
Parameter
Min.
Typ.
Max
Units
Conditions
BVDSS
Drain-to-Source breakdown voltage
40
—
—
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
—
24
30
mΩ
VGS = 10V, ID = 12A③
VGS(th)
Gate threshold voltage
1
—
3
V
VDS = VGS, ID = 250μA
—
—
1
VDS = 40V, VGS = 0V
IDSS
Drain-to-Source leakage current
—
—
150
μA
VDS = 40V, VGS = 0V, TJ =
125°C
Gate-to-Source forward leakage
— 
— 
100
VGS = 20V
IGSS
Gate-to-Source reverse leakage
— 
— 
-100
nA
VGS = -20V
Qg
Total gate charge
— 
9.5
—
Qgs
Gate-to-Source charge
— 
4.5
— 
Qgd
Gate-to-Drain("Miller") charge
— 
1.5
— 
nC
ID = 12A VDS =20V VGS =
10V③
td(on)
Turn-on delay time
— 
3.5
— 
tr
Rise time
— 
6
— 
td(off)
Turn-Off delay time
— 
13.5
— 
tf
Fall time
— 
3.5
— 
ns
VDD = 20V ID = 12A RG = 1.7
Ω VGS = 10V③
Ciss
Input capacitance
— 
410
— 
Coss
Output capacitance
— 
95
— 
Crss
Reverse transfer capacitance
— 
35
— 
pF
VGS = 0V VDS = 20V ƒ =
1.0MHz
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max
Units
Conditions
IS
Continuous
Source Current
(Body Diode)
—
—
12
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward
Voltage
—
0.75
1.0
V
TJ = 25°C, IF = 1A, VDD = 20V di/dt = 100A/μs③
trr
Reverse Recovery
Time
—
23
—
ns
Qrr
Reverse Recovery
Charge
—
18.5
—
nC
TJ = 25°C, IF = 12A, VDD = 20V di/dt = 100A/μs③
ton
Forward Turn-on
Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
©Silikron Semiconductor CO.,LTD.
2010.09.01
Version : 1.0
page
2of4
www.silikron.com
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com