Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD6035 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD6035
Description  High Power and current handing capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD6035 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSFD6035 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFD6035 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSFD6035
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SSFD6035
SSFD6035
DPAK
-
-
-
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
ID(25℃)
-26
A
ID(70℃)
-20
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-60
A
Maximum Power Dissipation
PD
60
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
25
℃
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-60
V
GENERAL FEATURES
●
VDS =- 60V,ID =-26A
RDS(ON) < 40mΩ @ VGS=-10V
RDS(ON) < 55mΩ @ VGS=-4.5V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
DESCRIPTION
The SSFD6035 uses advanced trench
technology to provide excellent RDS(ON)
and low gate charge .This device is
suitable for use as a load switch or in
PWM applications.
Schematic diagram
D
G
S
Marking and pin Assignment
Application
●
PWM applications
●
Load switch
●
Power management
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v2.0


Similar Part No. - SSFD6035

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFD6035 GOOD-ARK-SSFD6035 Datasheet
898Kb / 6P
60V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSFD6035 VBSEMI-SSFD6035 Datasheet
973Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Silikron Semiconductor ...
SSFD6035U SILIKRON-SSFD6035U Datasheet
1Mb / 8P
Advanced MOSFETprocess technology
More results

Similar Description - SSFD6035

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com