Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD6046 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD6046
Description  Advanced trench process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD6046 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSFD6046 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSFD6046
Feathers:
Advanced trench process technology
avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSFD6046 is a new generation of middle voltage
N–Channel enhancement mode trench power MOSFET. This
new technology increases the device reliability and electrical
parameter repeatability. SSFD6046 is assembled in high
reliability and qualified assembly house.
TOP View (TO252)
ID =12A
BV=60V
Rdson=50mΩ(max.)
SSFD6046
Marking and pin Assignment
Absolute Maximum Ratings
Parameter
Max.
Units
ID@T 25ْC
Continuous
VGS@10V
c=
drain current,
12
ID@Tc=100ْC
Continuous drain current,VGS@10V
9
IDM
Pulsed drain current ①
30
A
Power dissipation
20
W
PD@TC
ْC
L
r
0.12
W
=25
inear derating facto
/ْC
VGS
Gate-to-Source voltage
±20
V
EAS
Single
②
8
mJ
pulse avalanche energy
EAR
Repetitive avalanche energy
TBD
TJ
T
St
e
–55 to +1
75
ْC
STG
Operating Junction and
orage Temperature Rang
hermal Resistance
Parameter
Min.
Typ.
Max.
Units
T
RθJC
Ju
e
nction-to-cas
—
—
7.5
RθJA
J
t
unction-to-ambien
—
—
60
ْC/W
lectrical Characteristics @TJ=25 ْC (unless otherwise specified)
its
Test Conditions
E
Parameter
Min. Typ. Max. Un
BV SS Drain-to-Sou
wn voltage
V
D
rce breakdo
60
—
—
V
GS=0V,ID=250μA
RDS(on) Static Drain-to-Source on-resistance
—
46
50
mΩ
VGS=10V,ID=12A
VGS(th)
Gate threshold voltage
1.0
3.0
V
VDS=VGS,ID=250μA
gfs
F
15
orward transconductance
—
—
S
VDS=5V,ID=12A
—
—
1
VDS=60V,VGS=0V
IDSS
Drain-to-Source leakage current
10
μA
VGS
ْC
—
—
VDS=60V,
=0V,TJ=55
Gate-to-Source forward leakage
100
—
—
VGS=20V
IGSS
Gate-to-Source reverse leakage
—
—
-100
nA
VGS=-20V
©Silikron Semiconductor Corporation
2010.09.01
Version: 1.
1
page
1of4


Similar Part No. - SSFD6046

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFD6046X SILIKRON-SSFD6046X Datasheet
725Kb / 7P
Advanced MOSFETprocess technology
More results

Similar Description - SSFD6046

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
Advanced trench process technology
SSF1030D SILIKRON-SSF1030D Datasheet
832Kb / 5P
Advanced trench process technology
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
Advanced trench process technology
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
Advanced trench process technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com