Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD6046 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD6046
Description  Advanced trench process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD6046 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFD6046 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD6046 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSFD6046
Qg
Total gate charge
—
7.5
—
Qgs
Ga
e
te-to-Source charg
—
1.2
—
Qgd
Ga
e
nC
te-to-Drain("Miller") charg
—
2
—
ID=12A
VDD=30V
VGS=10V
td(on)
Turn-on delay time
—
4.5
—
tr
Rise time
—
3.5
—
©Silikron Semiconductor Corporation
2010.09.01
Version: 1.
1
page
2of4
td
Turn
ime
(off)
-Off delay t
—
16
—
tf
Fall time
—
2
—
nS
ID=
V
VDD=30V
2A ,RL=2.5Ω
RG=3Ω
GS=10V
C
Input
nce
450
iss
capacita
—
—
Coss
Output capacitance
—
60
—
Crss
Reve
nce
pF
rse transfer capacita
—
25
—
VGS=0V
VDS=30V
f=1.0MHZ
ource-Drain Ratings and Characteristics
Typ.
Max.
Units
Test Conditions
S
Parameter
Min.
IS
Continu
urrent
ous Source C
(Body Diode)
—
—
12
ISM
Puls
rent
—
—
30
A
MOSFET
integral reverse
p
ed Source Cur
(Body Diode) ①
symbol
showing the
-n junction diode.
VSD
Di
e
V
GS
ode Forward Voltag
—
—
1
TJ=25ْC,IS=1A,V =0V ③
trr
Reverse Recovery Time
—
25
—
nS
Qrr
R
d
everse Recovery Charge
—
30
—
nC
TJ=25ْC,IF=12A
i/dt=100A/μs ③
ton
Forward Turn-on Time
Intrinsic turn-on time is ne
ble (turn-on is
LD)
gligi
dominated by Ls +
Notes:
①
Repetitive rating; pulse width limited by max junction temperature.
Ω Starting TJ = 25°C
②
Test condition: L =0.1mH, VDD = 40V,Id=10A
③
Pulse width≤300μS, duty cycle≤1.5% ; RG = 25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com