Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC60 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FEC60
Description  60 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC60 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FEC60_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC60_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC60_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2014/4/30
FEC60 SERIES
60 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal input
48VDC nominal input
18 ~ 36VDC
36 ~ 75VDC
Input filter
Pi type
Input surge voltage
24VDC input
48VDC input
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple
current
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
20ms, max.
20ms, max.
Start-up voltage
24VDC input
48VDC input
17VDC
34VDC
Shutdown voltage
24VDC input
48VDC input
15VDC
32VDC
Remote ON/OFF (Note 7)
Positive logic (standard)
Negative logic (option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 12V
Input current of Remote control pin
Nominal input
-0.5mA~1.0mA
Remote off state input current
Nominal input
4mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature (Note8)
-40ºC ~ +40ºC (without derating)
+40ºC ~ +110ºC (with derating)
Maximum case temperature
+110ºC
Storage temperature range
-55ºC ~ +125ºC
Over temperature protection
+120ºC
Thermal impedance (Note 9)
Without Heat-sink
With Heat-sink
10.5ºC/Watt
8.4ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 10)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 11) EN61000-4-4
± 2kV Perf. Criteria A
Surge (Note 11)
EN61000-4-5
± 1kV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
60 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
24Vout
+ 20% -10%
Voltage adjustability (Note 6)
Others
±10%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
± 0.5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response
recovery time
25% load step change
250µs
Over voltage protection
(Voltage clamped)
3.3VDC output
5VDC output
12VDC output
15VDC output
24VDC output
3.7VDC~5.4VDC
5.6VDC~7.0VDC
13.8VDC~17.5VDC
16.8VDC~20.5VDC
30.0VDC~33.0VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
(Basic insulation)
Input to Output
Input(Output) to Case
1600 VDC, min. 1minute
1600 VDC, min. 1minute
Case grounding
Connect case to -INPUT
with decoupling Y Cap
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
1500pF, max.
Switching frequency
300kHz±10%
Safety approvals
IEC60950-1, UL60950-1, & EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94 V-0)
Dimensions
2.00 X 2.00 X 0.40 Inch
(50.8 X 50.8 X 10.2 mm)
Weight
60g (2.11oz)
MTBF (Note 1)
MIL-HDBK-217F
4.089 x 10
5 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
60 WATTS MAXIMUM OUTPUT POWER
SINGLE OUTPUT UP TO 14A
STANDARD 2.0 X 2.0 X 0.4 INCH PACKAGE
HIGH EFFICIENCY UP TO 90%
2:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
APPROVED FOR BASIC INSULATION
NO MINIMUM LOAD REQUIRED
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
OPTIONS
Negative logic Remove On/Off
DESCRIPTION
The FEC60 series offer 60 watts of output power from a 2.00 x 2.00 x 0.4 inch
package. The FEC60 series with 2:1 wide input voltage of 18~36VDC and
36~75VDC and features 1600VDC of isolation, short-circuit and over-voltage
protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FEC60_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC60-24S05 P-DUKE-FEC60-24S05 Datasheet
328Kb / 3P
60 WATTS MAXIMUM OUTPUT POWER
FEC60-24S12 P-DUKE-FEC60-24S12 Datasheet
328Kb / 3P
60 WATTS MAXIMUM OUTPUT POWER
FEC60-24S15 P-DUKE-FEC60-24S15 Datasheet
328Kb / 3P
60 WATTS MAXIMUM OUTPUT POWER
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
60 WATTS MAXIMUM OUTPUT POWER
FEC60-48S05 P-DUKE-FEC60-48S05 Datasheet
328Kb / 3P
60 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC60_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
3 WATTS DC-DC CONVERTER
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
1.5 WATTS DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
100 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
20 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
50 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com