Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT166 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ACT166
Description  8-bit Shift Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT166 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ACT166 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HD74AC166/HD74ACT166
8-bit Shift Register
Description
The HD74AC166/HD74ACT166 is an 8-bit, serial or parallel-in, serial-out shift register using edge
triggered D-type flip-flops. Serial and parallel entry are synchronous, with state changes initiated by the
rising edge of the clock. An asynchronous Master Reset overrides other inputs and clears all flip-flops.
The circuit can be clocked from two sources or one CP input can be used to trigger the other.
Features
• Outputs Source/Sink 24 mA
• HD74ACT166 has TTL-Compatible Inputs
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DS
P0
P1
P2
P3
CP1
CP2
GND
VCC
PE
P7
Q7
P6
P5
P4
MR
(Top view)


Similar Part No. - HD74ACT166

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ACT166 RENESAS-HD74ACT166 Datasheet
226Kb / 9P
8-bit Shift Register
More results

Similar Description - HD74ACT166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
8-bit Shift Register
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com