Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT166 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74ACT166
Description  8-bit Shift Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT166 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74ACT166 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT166 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HD74AC166/HD74ACT166
2
Logic Symbol
15
PE P0
DS
CP
VCC=Pin16
GND=Pin8
P1 P2 P3
P4 P5 P6 P7
1
71
2
MR
913
Q7
6
2
3
4
5
10 11 12 14
Pin Names
CP
1, CP2
Clock Pulse Inputs (Active Rising Edge)
D
S
Serial Data Input
PE
Parallel Enable Input (Active Low)
P
0 to P7
Parallel Data Inputs
MR
Asynchronous Master Reset Input (Active Low)
Q
7
Last Stage Output
Functional Description
Operation is synchronous (except for Master Reset) and state changes are initiated by the rising edge of
either clock input if the other clock input is Low. When one of the clock inputs is used as an active High
clock inhibt, it should attain the High state while the other clock is still in the High state following the
previous operation. When the Parallel Enable (
PE) input is Low, data is loaded into the register from the
Parallel Data (P
0 to P7) inputs on the next rising edge of the clock. When PE is High, information is shifted
from the Serial Data (D
S) input to Q0 and all data in the register is shifted one bit position (i.e., Q0 → Q1, Q1
→ Q
2, etc.) on the rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com