Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECNR30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECNR30
Description  Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECNR30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECNR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECNR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECNR
Class RK5 250Vac, 1 to 60A
Dual-Element, Time-Delay Fuses
Form No. ECNR 1-60
Page 2 of 2
Data Sheet #1315
0509
BU-SB08624
Current Limitation Curves
Time-Current Characteristic Curves–
Average Melt
Time-Current Characteristic Curves–
Average Melt
The only controlled copy of this document is the electronic read-only version maintained by Cooper Bussmann. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end
user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to
discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
8 10 15
30
60
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Number
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
No. 263-R
100A
30A
No. 213-R
60A
No. 216-R
200A
60A
No. 226-R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com