Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECNR30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECNR30
Description  Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECNR30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECNR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECNR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECNR
Class RK5 250Vac, 1 to 60A
Dual-Element, Time-Delay Fuses
Form No. ECNR 1-60
Page 1 of 2
Data Sheet #1315
0509
BU-SB08624
Catalog Symbol: ECNR
Dual-Element, Time-Delay – 10 seconds (minimum) at 500%
rated current (8 seconds for fuses 30A or less)
Current-Limiting
Volts: 250Vac (or less)
125Vdc (or less)
Amps: 1 to 60A
IR: 200kA RMS Sym.
Agency Information: CE, UL Listed, Std. 248-12,
Class RK-5, Guide JDDZ, File E162363, CSA
Certified, C22.2 No. 248.12, Class 1422-02,
File 700489
Features
• Provides motor overload, ground fault and short-circuit
protection.
• Helps protect motors against burnout from overloads.
• Helps protect motors against burnout from single-
phasing on three-phase systems.
• Simplifies and improves blackout prevention (selective
coordination).
• Dual-element fuses can be applied in circuits subject to
temporary motor overloads and surge currents to
provide both high performance short-circuit and overload
protection.
• The overload element provides protection against low
level overcurrent of overloads and will hold an overload
which is five times greater than the amp rating of the
fuse for a minimum of ten seconds.
Dimensions (inches)
Carton Quantity and Weight
Carton
Weight per Carton
Amps
Quantity
lbs
kg
1–15
10
0.40
0.18
17.5–30
10
0.50
0.23
35–60
10
1.00
0.45
Class RK5 Fuse Blocks (250V) Catalog Data
(Clip Retaining Spring Standard, Suffix “R”)
Terminal Type (Suffix No.)
Basic
Screw
Box Lug
1
¼4"
Catalog
w/ Pres.
w/ Clip
Quick
Amps
Number
Plate
CU only Connect
1
1
R25030-1
SR
PR
CR
COR
QR
to
2
R25030-2
SR
PR
CR
COR
30
3
R25030-3
SR
PR
CR
COR
31
1
R25060-1
CR
to
2
R25060-2
CR
60
3
R25060-3
CR
Catalog Numbers (amps)
ECNR1
ECNR7
ECNR17.5
ECNR45
ECNR2
ECNR8
ECNR20
ECNR50
ECNR3
ECNR9
ECNR25
ECNR60
ECNR4
ECNR10
ECNR30
ECNR5
ECNR12
ECNR35
ECNR6
ECNR15
ECNR40


Similar Part No. - ECNR30

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECN-20-30.000M-GA ECLIPTEK-ECN-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECN-20-30.000M-GTR ECLIPTEK-ECN-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECN-20-30.000M-I2A ECLIPTEK-ECN-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECN-20-30.000M-I2TR ECLIPTEK-ECN-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
ECN-20-30.000M-L2A ECLIPTEK-ECN-20-30.000M-L2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECNR30

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com