Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2502 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2502
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2502 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2502 Datasheet HTML 1Page - Supertex, Inc TP2502 Datasheet HTML 2Page - Supertex, Inc TP2502 Datasheet HTML 3Page - Supertex, Inc TP2502 Datasheet HTML 4Page - Supertex, Inc TP2502 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
TP2502
Features
Low threshold (-2.4V max.)
High input impedance
Low input capacitance (125pF max.)
Fast switching speeds
Low on-resistance
Free from secondary breakdown
Low input and output leakage
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
This low threshold enhancement-mode (normally-off) tran-
sistor utilizes a vertical DMOS structure and Supertex’s well-
proven silicon-gate manufacturing process. This combination
produces a device with the power handling capabilities of bipolar
transistors and with the high input impedance and positive
temperature coefficient inherent in MOS devices. Characteristic
of all MOS structures, this device is free from thermal runaway
and thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
P-Channel Enhancement Mode
Vertical DMOS FETs
Ordering Information
Device
Package Options
BV
DSS/BVDGS
(V)
R
DS(ON)
(Ω)
V
GS(TH)
(max)
(V)
I
D(ON)
(min)
(A)
TO-243AA (SOT-89)
Die*
TP2502
TP2502N8-G
TP2502ND
-20
2.0
-2.4
-2.0
-G indicates package is RoHS compliant (‘Green’)
* MIL visual screening available.
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55°C to +150°C
Soldering temperature*
300°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
* Distance of 1.6 mm from case for 10 seconds.
Absolute Maximum Ratings
Product Marking
TP5LW W = Code for week sealed
= “Green” Packaging
TO-243AA (SOT-89) (N8)
GATE
SOURCE
DRAIN
DRAIN
TO-243AA (SOT-89) (N8)
Pin Configuration
Package may or may not include the following marks: Si or


Similar Part No. - TP2502

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2502 SUTEX-TP2502 Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP2502 MICROCHIP-TP2502 Datasheet
485Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
08/15/18
logo
Supertex, Inc
TP2502N8 SUTEX-TP2502N8 Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP2502N8G MICROCHIP-TP2502N8G Datasheet
485Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
08/15/18
logo
Supertex, Inc
TP2502ND SUTEX-TP2502ND Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP2502

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com