Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2502 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2502
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2502 Datasheet(HTML) 3 Page - Supertex, Inc

  TP2502 Datasheet HTML 1Page - Supertex, Inc TP2502 Datasheet HTML 2Page - Supertex, Inc TP2502 Datasheet HTML 3Page - Supertex, Inc TP2502 Datasheet HTML 4Page - Supertex, Inc TP2502 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TP2502
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves
Output Characteristics
-5
-4
-3
-2
-1
0
0
-10
-20
-30
-40
VDS (volts)
Saturation Characteristics
-5
-4
-3
-2
-1
0
0
-2
-4
-6
-10
-8
Maximum Rated Safe Operating Area
-0.1
-100
-10
-1.0
-10
-1.0
-0.1
-0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-2.0
-0.4
-0.8
-1.2
-1.6
Power Dissipation vs. Ambient Temperature
0
150
100
50
2.0
1.6
1.2
0.8
0.4
0
125
75
25
TO-243AA(pulsed)
-4V
-3V
-5V
-6V
-7V
-8V
-9V
0
TO-243AA (DC)
TO-243AA
-4V
-3V
-5V
-6V
-7V
-8V
-9V
VGS = -10V
VDS = -15V
TA = -55°C
TA = 25°C
TA = 150°C
TA = 25°C
TO-243AA
TA = 25°C
PD = 1.6W
VDS (volts)
VGS = -10V
ID (amperes)
TA (°C)
VDS (volts)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com