Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED15 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # LED15
Description  DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  LED15_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED15
1
www.PDUKE.com
2014/04/30
LED15 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 15Watts
FEATURES
APPLICATIONS
• NO MINIMUM LOAD REQUIRED
• 2250VDC INPUT TO OUTPUT ISOLATION
• SMALL SIZE AND LOW PROFILE
:
:
:
:1.10 x 0.94 x 0.34 INCH
• SURFACE-MOUNT OR THROUGH-HOLE
• UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
• CE MARKED
• COMPLIANT TO RoHS II & REACH
• WIRELESS NETWORK
• TELECOM/DATACOM
• INDUSTRY CONTROL SYSTEM
• DISTRIBUTED POWER ARCHITECTURES
• SEMICONDUCTOR EQUIPMENT
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
LED15-24S3P3
18 ~ 36
3.3
3500
20
86
10000
LED15-24S05
18 ~ 36
5
3000
20
87
6000
LED15-24S12
18 ~ 36
12
1250
15
87
1000
LED15-24S15
18 ~ 36
15
1000
15
88
660
LED15-48S3P3
36 ~ 75
3.3
3500
15
85
10000
LED15-48S05
36 ~ 75
5
3000
15
87
6000
LED15-48S12
36 ~ 75
12
1250
10
87
1000
LED15-48S15
36 ~ 75
15
1000
10
88
660
PART NUMBER STRUCTURE
LED15 -
48
S
05
-
A
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Option
24:
48:
18~36
36~75
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
:
A:
B:
C:
D:
E:
F:
G:
H:
I:
J:
K:
Negative logic remote ON/OFF with DIP(Standard)
Negative logic remote ON/OFF with SMT
Positive logic remote ON/OFF with DIP
Positive logic remote ON/OFF with SMT
DIP type without Ctrl pin
SMT type without Ctrl pin
DIP type, negative logic remote ON/OFF without Trim pin
SMT type, negative logic remote ON/OFF without Trim pin
DIP type without Ctrl & Trim pin
SMT type without Ctrl & Trim pin
DIP type, positive logic remote ON/OFF without Trim pin
SMT type, positive logic remote ON/OFF without Trim pin


Similar Part No. - LED15_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S05 P-DUKE-LED15-24S05 Datasheet
328Kb / 3P
15 WATTS MAXIMUM OUTPUT POWER
LED15-24S05W P-DUKE-LED15-24S05W Datasheet
328Kb / 3P
15 WATTS MAXIMUM OUTPU POWER
LED15-24S05W P-DUKE-LED15-24S05W Datasheet
577Kb / 3P
DC-DC CONVERTER
logo
Astrodyne Corporation
LED15-24S05W ASTRODYNE-LED15-24S05W Datasheet
595Kb / 4P
Isolated and Regulated 15 Watt Open Frame DC/DC Converters
logo
Power Mate Technology C...
LED15-24S12 P-DUKE-LED15-24S12 Datasheet
328Kb / 3P
15 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - LED15_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com