Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # LED15
Description  DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  LED15_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED15
3
www.PDUKE.com
2014/04/30
Note:
1.
Test by minimum input and constant resistive load.
2.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or -Vout pin.
3.
The power module operates in a variety of thermal environments; however, sufficient cooling should be provided to help ensure reliable
operation.
4.
The standard modules meet EN55022 Class A and Class B with external components. For further information, please contact with P-DUKE.
5.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
LED15-48S05 Derating Curve
LED15-48S05 Efficiency vs. Input Voltage
LED15-48S05 Efficiency vs. Output Load
MECHANICAL DRAWING
DIP TYPE
SMT TYPE
PIN CONNECTION
EXTERNAL OUTPUT TRIMMING
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
PIN
DEFINE
1
+Vin
2
-Vin
3
Ctrl
4
+Vout
5
Trim
6
-Vout
Output can be externally trimmed by
using the method shown below.
6
5
TRIM UP
RU
5
4
TRIM DOWN
RD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com