Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPL2015 Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL2015
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL2015 Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSPL2015 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSPL2015
©Silikron Semiconductor CO.,LTD.
2012.09.04
Version : 1.1
page 3 of 8
www.silikron.com
Test circuits and Waveforms
Switch Waveforms:
Notes
:
①Calculated continuous current based on maximum allowable junction temperature. Package
limitation current is 75A.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=175°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com