Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPL2015 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL2015
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL2015 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSPL2015 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL2015 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSPL2015
©Silikron Semiconductor CO.,LTD.
2012.09.04
Version : 1.1
page 1 of 8
www.silikron.com
Main Product Characteristics:
Features and Benefits:
Description:
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
18 ①
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13 ①
IDM
Pulsed Drain Current ②
72
PD @TC = 25°C
Power Dissipation ③
150
W
Linear Derating Factor
1.0
W/°C
VDS
Drain-Source Voltage
200
V
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy @ L=4.2mH
412
mJ
IAS
Avalanche Current @ L=4.2mH
14
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +175
°C
VDSS
200V
RDS(on)
0.13ohm(typ.)
ID
18A ①
TO220
Marking and pin
Assignment
Schematic diagram
Advanced Process Technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
These N-Channel enhancement mode power field effect transistors are produced using silikron
proprietary MOSFET technology. This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These devices are well suited for high efficiency
switch mode power supplies.


Similar Part No. - SSPL2015

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSPL2015 GOOD-ARK-SSPL2015 Datasheet
1,015Kb / 7P
200V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL2015D SILIKRON-SSPL2015D Datasheet
569Kb / 8P
Advanced Process Technology
SSPL2015F SILIKRON-SSPL2015F Datasheet
537Kb / 8P
Advanced Process Technology
More results

Similar Description - SSPL2015

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com