Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P29045 Datasheet(PDF) 17 Page - Amphenol Corporation

Part # P29045
Description  FACTORY AUTOMATION POWER AND CONTROL MEDIA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P29045 Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button P29045 Datasheet HTML 13Page - Amphenol Corporation P29045 Datasheet HTML 14Page - Amphenol Corporation P29045 Datasheet HTML 15Page - Amphenol Corporation P29045 Datasheet HTML 16Page - Amphenol Corporation P29045 Datasheet HTML 17Page - Amphenol Corporation P29045 Datasheet HTML 18Page - Amphenol Corporation P29045 Datasheet HTML 19Page - Amphenol Corporation P29045 Datasheet HTML 20Page - Amphenol Corporation P29045 Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
14
www.sineco.com
PowerBOSSlite™ M35 Patchcords and Cordsets
4P
Trunk
4P
Drop
Male
Face View
Color Code
1 - BLACK
3 - RED
2 - GREEN
4 - WHITE
1 - BLACK
3 - RED
2 - WHITE
4 - GREEN
Voltage
600 V
600 V
Current
25 A
15 A
Conductor
10 AWG
14 AWG
PowerBOSSlite™M35
PowerBOSSlite™ M35 Double-Ended Patchcords
with 600V, TC-ER/STOOW Rated Cable
Female/Male FIG*
4P Trunk
FIG*
4P Drop
Straight/Straight
1,2
P28976Mxxx
5,6
P29008Mxxx
90°/Straight
1,4
P28977Mxxx
5,8
P29009Mxxx
Straight/ 90°
2,3
P28978Mxxx
6,7
P29010Mxxx
90°/90°
3,4
P28979Mxxx
7,8
P29011Mxxx
FIG*: Reference Dimensions on Page 15.
I Mxxx = length in meters. I Standard lengths offerred: .5,1.5,2,2.5,3,4,5,6,8,10,12,14 (meters)
PowerBOSSlite™ M35 System
NOTE: Pending UL Rating for: Motor-Rated Branch Circuit per UL2237
ENVIRONMENTAL
TEMPERATURE RANGE
-20°C to +105°C
PROTECTION
IP 67, NEMA 6P
CABLE: Trunk
CABLE: Drop
Black PVC jacket
Black PVC jacket
PVC insulated #10 AWG stranded copper (105 x #30)
PVC insulated #14 AWG stranded copper (105 x #34)
UL listed dual-rated TC-ER and STOOW; CSA certified type STOOW
UL listed dual-rated TC-ER and STOOW; CSA certified type STOOW
600V, 90°C dry and 75°C wet (TC-ER), 105°C (STOOW)
600V, 90°C dry and 75°C wet (TC-ER), 105°C (STOOW)
CABLE DIAMETER
.79” [20.0MM]
CABLE DIAMETER
.62” [15.7MM]
VOLTAGE RATING
600VAC/600VDC
CONTACT PLATING
5µ inches (min) Gold, over 25µ
inches (min) Nickel
AMPERAGE
25A (Trunk), 15A (Drop)
CONNECTOR FACE
PVC
BODY
Oil resistant PVC
COUPLER
Machined Aluminum, Anodized
CONTACTS
Copper Alloy
RECEPTACLE HOUSING
Machined Aluminum, Anodized
Custom Cable Options: High Flex and Motor VFD cables are available.
Contact your Sales Representative.
Coupler Options: Stainless Steel
4
3
2
1
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com