Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P29045 Datasheet(PDF) 21 Page - Amphenol Corporation

Part # P29045
Description  FACTORY AUTOMATION POWER AND CONTROL MEDIA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P29045 Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button P29045 Datasheet HTML 17Page - Amphenol Corporation P29045 Datasheet HTML 18Page - Amphenol Corporation P29045 Datasheet HTML 19Page - Amphenol Corporation P29045 Datasheet HTML 20Page - Amphenol Corporation P29045 Datasheet HTML 21Page - Amphenol Corporation P29045 Datasheet HTML 22Page - Amphenol Corporation P29045 Datasheet HTML 23Page - Amphenol Corporation P29045 Datasheet HTML 24Page - Amphenol Corporation P29045 Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
18
www.sineco.com
PowerBOSSlite™ M35 Tee
Description: Tee
Rating: 600V, 25A
Part Number:
P28964
PowerBOSSlite™ M35 Tee with Reducing Drop
Description: Tee with Reducing Drop
Rating: 600V, 25A Trunk, 15A Drop
Part Number:
P28968
All Dimensions in: Inch [mm]
Coupler Options: Stainless Steel
1
3
2
4
4
3
2
1
4
3
2
1
1.52
[38.50]
1.31
[33.30]
0.75
[19.00]
?0.20
[?5.20]
1.50
[38.00]
5.03 [127.80]
2.49
[63.15]
1.87 [47.60]
3
4
2
2
4
1
3
3
4
2
1
1
1.31
[33.30]
1.00
[25.40]
0.75
[19.00]
?0.20
[?5.20]
1.50
[38.00]
1.93 [48.95]
1.87 [47.60]
4.99 [126.80]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com