Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6320TG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC6320TG-G
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320TG-G Datasheet(HTML) 2 Page - Supertex, Inc

  TC6320TG-G Datasheet HTML 1Page - Supertex, Inc TC6320TG-G Datasheet HTML 2Page - Supertex, Inc TC6320TG-G Datasheet HTML 3Page - Supertex, Inc TC6320TG-G Datasheet HTML 4Page - Supertex, Inc TC6320TG-G Datasheet HTML 5Page - Supertex, Inc TC6320TG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TC6320
Supertex inc.
www.supertex.com
Doc.# DSFP-TC6320
D012913
Pin Configurations
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
C6320
LLLL
8-Lead SOIC
(top view)
8-Lead SOIC
Package Marking
8-Lead DFN
(top view)
6320
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
8-Lead DFN
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
8
7
6
5
1
2
3
4
SN
GN
GP
SP
DN
DN
DP
DP
DN
DP
S1
G1
S2
G2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
N-Channel
P-Channel
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
DRAIN-to-SOURCE voltage
BV
DSS
DRAIN-to-GATE voltage
BV
DGS
Operating and storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Typical Thermal Resistance
Package
θ
ja
8-Lead DFN
44OC/W
8-Lead SOIC
101OC/W
Note:
1.0oz, 4-layer, 3”x4” PCB
Ordering Information
Part Number
Package Option
Packing
TC6320K6-G
8-Lead DFN (4x4)
3000/Reel
TC6320TG-G
8-Lead SOIC
2000/Reel
Product Summary
BV
DSS/BVDGS
(V)
R
DS(ON)
(max) (Ω)
N-Channel
P-Channel
N-Channel
P-Channel
200
-200
7.0
8.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com