Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6320TG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # TC6320TG-G
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320TG-G Datasheet(HTML) 5 Page - Supertex, Inc

  TC6320TG-G Datasheet HTML 1Page - Supertex, Inc TC6320TG-G Datasheet HTML 2Page - Supertex, Inc TC6320TG-G Datasheet HTML 3Page - Supertex, Inc TC6320TG-G Datasheet HTML 4Page - Supertex, Inc TC6320TG-G Datasheet HTML 5Page - Supertex, Inc TC6320TG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TC6320
Supertex inc.
www.supertex.com
Doc.# DSFP-TC6320
D012913
8-Lead DFN Package Outline (K6)
4.00x4.00mm body, 1.00mm height (max), 1.00mm pitch (dual pad)
Symbol
A
A1
A3
b
D
D2
E
E2
e
K1
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.25
3.90
1.35
3.90
1.35
1.00
BSC
0.50
REF
0.40
0.00
0O
NOM 0.90
-
0.30
4.00
1.45
4.00
1.45
0.50
-
-
MAX
1.00
0.05
0.35
4.10
1.55
4.10
1.55
0.60
0.15
14O
Drawings not to scale
Supertex Doc. #: DSPD-8DFNK64x4P100, Version C010813
Bottom View
E2
View B
Note 1
(Index Area
D/2 x E/2)
1
8
Note 1
E2
D2
K1
K1/2
Seating
Plane
Top View
Side View
A
A1
D
E
e
b
A3
L
L1
View B
Note 1
(Index Area
D/2 x E/2)
Note 3
Note 2
1
8
θ
D2
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com