Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2106 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2106
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2106 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2106 Datasheet HTML 1Page - Supertex, Inc TN2106 Datasheet HTML 2Page - Supertex, Inc TN2106 Datasheet HTML 3Page - Supertex, Inc TN2106 Datasheet HTML 4Page - Supertex, Inc TN2106 Datasheet HTML 5Page - Supertex, Inc TN2106 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
TN2106
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source
BV
DSS
Drain-to-gate
BV
DGS
Gate-to-source
±20V
Operating and storage temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
* Distance of 1.6mm from case for 10 seconds.
Ordering Information
Device
Package Option
BV
DSS/BVDGS
(V)
R
DS(ON)
(max)
(Ω)
V
GS(th)
(max)
(V)
TO-236AB (SOT-23)
TO-92
TN2106
TN2106K1-G
TN2106N3-G
60
2.5
2.0
-G indicates package is RoHS compliant (‘Green’)
Pin Configurations
TO-236AB (SOT-23) (K1)
Product Marking
TO-236AB (SOT-23) (K1)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
T N
2 1 0 6
Y Y W W
DRAIN
SOURCE
GATE
TO-92 (N3)
N1LW W = Code for week sealed
= “Green” Packaging
GATE
SOURCE
DRAIN
TO-92 (N3)
Features
► Free from secondary breakdown
► Low power drive requirement
► Ease of paralleling
► Low C
ISS and fast switching speeds
► Excellent thermal stability
► Integral source-drain diode
► High input impedance and high gain
► Complementary N- and P-channel devices
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo-voltaic drives
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►


Similar Part No. - TN2106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2106 SUTEX-TN2106 Datasheet
32Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2106 SUTEX-TN2106 Datasheet
550Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2106 MICROCHIP-TN2106 Datasheet
822Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2106K1 SUTEX-TN2106K1 Datasheet
32Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2106K1 SUTEX-TN2106K1 Datasheet
45Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TN2106

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com