Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2106 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2106
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2106 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2106 Datasheet HTML 1Page - Supertex, Inc TN2106 Datasheet HTML 2Page - Supertex, Inc TN2106 Datasheet HTML 3Page - Supertex, Inc TN2106 Datasheet HTML 4Page - Supertex, Inc TN2106 Datasheet HTML 5Page - Supertex, Inc TN2106 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TN2106
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves
Output Characteristics
2.5
2.0
1.5
1.0
0.5
0
VDS (volts)
Saturation Characteristics
VDS (volts)
Maximum Rated Safe Operating Area
0.1
100
10
1
1.0
0.1
0.01
0.001
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1.0
tp(seconds)
Transconductance vs. Drain Current
0.5
0.4
0.3
0.2
0.1
0
0
0.4
0.2
ID (amperes)
Power Dissipation vs. Temperature
0
150
100
50
1.0
0.8
0.6
0.4
0.2
0
125
75
25
TA C)
O
(
TO-236AB
TA = 25OC
PD = 0.36W
TO-92
SOT-23
TA = -55OC
VDS = 25V
0
10
20
30
50
40
4V
3V
0
2
4
6
10
8
25OC
125OC
0.6
1.0
0.8
10V
8V
6V
2.5
2.0
1.5
1.0
0.5
0
4V
3V
10V
8V
6V
SOT-23 (DC)
SOT-23 (pulsed)
VGS =
VGS =
TA = 25OC
TO-92
TC = 25OC
PD = 1W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com